Part Number Hot Search : 
SMBFJ10A 2SD2528 1100S RS0204 3VSK7M SML2108 HD14015B PTF10122
Product Description
Full Text Search
 

To Download 770101123P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single In-Line Conformal Series 770
Technical Data
Features
* * * * * * High-Reliability Cermet Resistors Space Saving Over Individual Resistors Available in Odd or Even Number of Pins From 4 to 12 Leads 2.54mm/.100 in. Pin Spacing Packaged in Bulk RoHS Compliant
Resistance Range: Resistance Tolerance: Standard: 2% or 0.5 (whichever is greater) Standard: 10 to 1 Meg Operating Temperature Range: -55C to +125C Temperature Coefficient: Standard: 100 to 1 Meg 100PPM/C typical 22 to 99 200PPM/C typical Dielectric Strength: 100 VAC Maximum Operating Voltage: 100V not to exceed rated power
Types of Circuits Bussed (Schematic 1) Isolated (Schematic 3) Dual Terminator (Schematic 5)
Available in 4 through 12 Pins
Available in 4, 6, 8, 10, 12 Pins
Available in 6, 8, 10 Pins
1 of 3
March 2008
CTS Electronic Components
www.ctscorp.com
Package Dimensions Part Marking: For parts with reduced marking area (8 pins or less), the part series (770) may be omitted from the part number portion of the marking . Example: CTSK082281103P
Number of Pins 4 5 6 7 8 9 10 11 12 Schematic 1&5 3
"A" Dimension +/-0.25/0.010 10.11/0.398 12.65/0.498 15.19/0.598 17.30/0.698 20.27/0.798 22.81/0.898 25.35/0.998 27.89/1.098 30.43/1.198
Packaged Power @25C 0.60W 0.83W 0.96W 1.18W 1.32W 1.49W 1.66W 1.83W 2.00W Packaged Power @25C 0.15W 0.30W
Packaged Power @70C 0.40W 0.52W 0.64W 0.76W 0.88W 1.00W 1.11W 1.24W 1.35W Packaged Power @70C 0.10W 0.20W
NOTES: *General Tolerances mm +/-0.25 inch +/-0.010 *Copper Alloy Leads, Solder-coated
Standard Resistor Values & EIA Code
Ohms 10 12 15 18 22 27 33 39 47 51 56 68 Code 100 120 150 180 220 270 330 390 470 510 560 680 Ohms 75 82 100 110 120 150 180 220 270 330 390 470 Code 750 820 101 111 121 151 181 221 271 331 391 471 Ohms 510 560 680 820 1K 1.2K 1.5K 1.8K 2.0K 2.2K 2.7K 3.3K Code 511 561 681 821 102 122 152 182 202 222 272 332 Ohms 3.9K 4.7K 5.1K 5.6K 6.8K 8.2K 10K 12K 15K 18K 22K 27K Code 392 472 512 562 682 822 103 123 153 183 223 273 Ohms 33K 39K 47K 51K 56K 68K 82K 100K 120K 150K 180K 220K Code 333 393 473 513 563 683 823 104 124 154 184 224 Ohms 270K 330K 390K 470K 510K 560K 680K 820K 1M Code 274 334 394 474 514 564 684 824 105
Page 2 of 3
March 2008
CTS Electronic Components
www.ctscorp.com
How to Order
770 10 1 103 P
Part Number Series Number of Pins
RoHS Compliant (Sn/Ag solder) Resistor Code
Refer to the EIA Code Noted on Page 2. Resistor Code Schematics 1 & 3 Resistor Value Schematic 5 Example 220/330 = 220/330 Example 470/1.2K = 470/1200 All part numbers are 2%
Schematic
NOTE: No dashes or spaces to appear in part number. Example: 770101103P
1 3 5
Bussed Isolated Dual Terminator
Packaging Bulk Pack All Products 250 Parts/Bag
Environmental Performance Specifications
Max. % Mil. Std. Test Cond. Test Description Delta R 202 Method 0.5% 107 B 5 cycles, -65C to +125C 0.5% 2 1/2 x rated voltage, 5 sec (100V Max.) 0.5% 106 240 hours, 0.1 rated load, -10C to +65C, 90% RH 1.0% 1000 hours, 0.1 rated load, 70C, 85-92% RH 1.0% 240 hours, no load, @ 125C 1.0% 108 D 1000 hours @ 70C rated load 0.25% A 3 second dwell @ 350C, dwell 0.25% 213 I 100g, 1 msec., 3 shocks each plane 0.25% 204 D 20g, 10-2000Hz, 4 hours/plane 0.25% 2.0 Kg. pull, 30 sec., three 45 bends 0.25% 24 hours @ -65C, no load 0.25% 45 min @ -65C, full load N/A 94V-0
Test Thermal Cycling Short Time Overload Moisture Resistance Load Humidity High Temp Exposure Load Life Resistance to Solder Heat Mechanical Shock Vibration Terminal Strength Low Temp Storage Low Temp Operation Flammability Non-Fungus per MIL-STD 810C Resistance to Solvents Solderability
Isopropyl alcohol RMA Flux, 230C, 5 seconds dip, 95% coverage
Page 3 of 3
March 2008
CTS Electronic Components
www.ctscorp.com


▲Up To Search▲   

 
Price & Availability of 770101123P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X